PART |
Description |
Maker |
SSM3J02F |
600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
SSM3K03FE |
100 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET TOSHIBA Field Effect Transistor Silicon N Channel MOS Type Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications
|
TOSHIBA[Toshiba Semiconductor]
|
PTF10007 |
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 35瓦,1.0 GHz的GOLDMOS场效应晶体管 35 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 35 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
PTF10154 |
85 Watts/ 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85瓦,1.93-1.99 GHz的GOLDMOS场效应晶体管 85 Watts 1.93-1.99 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson]
|
PTF10149 |
70 Watts, 92160 MHz GOLDMOS Field Effect Transistor 70 Watts, 921-960 MHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
2SK3236 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS) From old datasheet system Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor Hitachi Semiconductor
|
HN1K04FU |
Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
PTF10031 |
50 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 50瓦,1.0 GHzGOLDMOS场效应晶体管
|
Ericsson Microelectronics
|
PTF10137 |
12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 12瓦,1.0 GHz的GOLDMOS场效应晶体管 12 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|