PART |
Description |
Maker |
1N6268A 1N6268ARL4 1N6270ARL4 1N6269A 1.5KE220ARL4 |
Zener 7.5V 1500W 5% Zener 9.1V 1500W 5% Zener 8.2V 1500W 5% 1500 Watt Mosorb Zener Transient Voltage Suppressors Zener 20V 1500W 5% Zener 6.8V 1500W 5% Zener 27V 1500W 5% Zener 130V 1500W 5% Zener 12V 1500W 5% Zener 56V 1500W 5% Zener 33V 1500W 5% Zener 150V 1500W 5% Zener 51V 1500W 5% Zener 91V 1500W 5% Zener 82V 1500W 5% Zener 16V 1500W 5% Zener 18V 1500W 5% Zener 24V 1500W 5% Zener 30V 1500W 5% Zener 36V 1500W 5% Zener 43V 1500W 5% Zener 120V 1500W 5% Zener 68V 1500W 5%
|
ON Semiconductor
|
1N6275ARL4 1N6292ARL4 1N6303ARL4 1N6290ARL4 1N6287 |
Zener 15V 1500W 5% Zener 75V 1500W 5% Zener 200V 1500W 5% Zener 62V 1500W 5% Zener 47V 1500W 5% Zener 39V 1500W 5% Zener 13V 1500W 5% Zener 33V 1500W 5% Zener 56V 1500W 5%
|
ON Semiconductor
|
SPV-150011 |
1500W Single Output Power Supply
|
Mean Well Enterprises Co., Ltd.
|
RSP-1500 RSP-1500-12 RSP-1500-48 |
1500W Single Output Power Supply
|
Mean Well Enterprises Co., Ltd.
|
EWS25-15 EWS25-18 EWS25-28 EWS25-5 EWS25-12 EWS25- |
Single output 15W ~ 1500W 单输出安1500W
|
EM Microelectronic Electronic Theatre Controls, Inc. LAMBDA[DENSEI-LAMBDA]
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
DBF60T |
Switch Mode Power Supply; Series:ZPS; Output Voltage:15VDC; Output Power Max:40W; Output Current:2.67A; Number of Outputs:1; Approval Bodies:UR, CSA, CE 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
VS50B-12 VS50B-15 VS50B-24 VS50B-3 VS50B-5 VS150B- |
Single output 10W~150W External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:30W; Output Current:1.25A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:30W; Output Current:1.67A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes Switch Mode Power Supply; Output Power:28W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:2.3A; Leaded Process Compatible:No; Output Current:2.3A; Output Power Max:28W; Output Voltage:12V RoHS Compliant: No CAP .01UF 400V POLYPROPYLENE Single output 10W~150W 单输出功0W150
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Unity Opto Technology Co., Ltd.
|
A-302-1K7 A302-1K7-B2 A302-1K7-F3 |
1500W Modified Sine Wave DC-AC Power Inverter
|
Mean Well Enterprises Co., Ltd.
|
ICTE10 ICTE10C ICTE15C ICTE8 ICTE8C |
TRANSZORBTransient Voltage Suppressors, Peak Pulse Power 1500W
|
Vishay
|
15KE6V8A 1.5KE170CA |
1500W Peak Pulse Power Dissipation Constructed with Glass Passivated Die
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
1.5SMC82CA 1.5SMC480A 1.5SMC480CA 1.5SMC12CA 1.5SM |
Surface Mount TRANSZORB Transient Voltage Suppressors Peak Pulse Power 1500W
|
Vishay
|