PART |
Description |
Maker |
ADA4410-6ACPZ-R7 |
Integrated Video Filter with Selectable Cutoff Frequencies for GBR, HD/SD, Y, C, and CVBS
|
Analog Devices
|
ATV12H075M2 |
variable speed drive ATV12 - 0.75kW - 1hp - 200..240V - 1ph - with heat sink
|
List of Unclassifed Manufacturers
|
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
2950048 |
EMG 22-DIO 4E
|
PHOENIX CONTACT
|
PCIE-7248 |
96/48/24-CH Opto-22 Compatible DIO Cards
|
List of Unclassifed Manufacturers
|
AEC-6913-A1M-1010 AEC-6913-A2M-1010 |
Design for Industrial Automation, Reliable Design: RS-422/485 10x. DIO
|
AAEON Technology
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
X1227S8IZ-4.5A X1227V8IZ-4.5A X1227V8-2.7 X1227S8Z |
2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM Microprocessor Support IC; Processor Reset Type:Active Low; Supply Voltage Max:5.5V; Package/Case:16-MLP; Leaded Process Compatible:Yes; Packaging:Tape And Reel; Peak Reflow Compatible (260 C):Yes 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, TSSOP-8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, SOIC-8 RTC Module With CPU Supervisor 1 TIMER(S), REAL TIME CLOCK, PDSO8 DIO SUP SM SL05 (SEMT) R
|
http:// Intersil, Corp. Intersil Corporation
|
AX92902-17 AX92903-17 AX92904-17 AX92905-17 AX9290 |
Full-size PCI Express Mini Module with Gigabit LAN Full-size PCI Express Mini Module with CAN Bus Full-size PCI Express Mini Module with 32 bit DIO Full-size PCI Express Mini Module with Audio Full-size PCI Express Mini Module with COM Full-size PCI Express Mini Module with SATA
|
Axiomtek Co., Ltd.
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|