PART |
Description |
Maker |
R1250VXX1ASERIES R1250V301A R1250V301A-E2 R1250V20 |
Negative Output Charge Pump Regulator(100mA) Negative Output Charge Pump Regulator 100mA
|
RICOH electronics devic...
|
AAT3110 AAT3110-33 AAT3110IGU-33-T1 AAT3110IGU-5-T |
MicroPower?/a> Regulated Charge Pump MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX8847Z MAX8847Y |
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
|
MAXIM - Dallas Semiconductor
|
MAX8848ZETET MAX8848Y MAX8848YETET MAX8848Z |
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
|
Maxim Integrated Products
|
MAX8848YETE MAX8848YETET |
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
|
MAXIM - Dallas Semiconductor
|
AAT2820 AAT2820IXN-5.0-1-T1 AAT2820IXN-5.0-T1 |
Triple-Output Charge Pump Regulator
|
Advanced Analogic Technologies
|
SC631 |
Fixed 4.4V Output Charge Pump Regulator
|
Semtech
|
SC613 SC613IMLTRT SC613EVB |
Low Noise Regulated Charge Pump with Selectable Output
|
Semtech Corporation
|
CAT3200-5 |
Low Noise, Regulated Charge Pump DC-DC Converter, 5V Fixed Output
|
Catalyst Semiconductor
|
TC1226 TC1227 TC1225 |
TheTC1225/1226/1227 are CMOS dual inverting charge pump voltage converters in 8-Pin MSOP packages. An on-board oscillator provides the clock, and only four external capacitors are required for full circuit implementation. Switching frequen (TC1225 / TC1226 / TC1227) Inverting Dual Charge Pump Voltage Converters
|
Microchip Technology
|
EV1531DQ-002A |
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias 低功耗,三路输出升压充电泵另外,为TFT偏置
|
Monolithic Power Systems, Inc.
|