PART |
Description |
Maker |
HA16114FPJ |
ID ISC.ANT.MUX 8X ANT MULTIPLEXR 开关稳压器的斩波式直流/直流转换
|
Renesas Electronics, Corp.
|
DDU-37-60 DDU-37-80 DDU-37-30 DDU-37-70 DDU-37-70M |
Continuously Variable Delay Line 连续可变延迟
|
Data Delay Devices, Inc. Würth Elektronik GmbH ?Co. KG
|
HC3-55564-5 HC9P55564-5 HC1-55564-2 HC1-55564-5 HC |
Continuously Variable Slope Delta-Modulator (CVSD)
|
HARRIS[Harris Corporation] INTERSIL[Intersil Corporation]
|
FX-309 FX309 |
CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION CVSD Modulation Codec
|
ETC[ETC] CONSUMER MICROCIRCUITS LIMITED
|
PE7422 |
0 to 90 dB Dial Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts Up To 4 GHz
|
Pasternack Enterprises,...
|
GS1540NBSP GS1540 GS1540-CQR |
HDTV Serial Digital Deformatter From old datasheet system HDTV Serial Digital Non-Equalizing Receiver
|
Electronic Theatre Controls, Inc. ETC GENNUM[Gennum Corporation]
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
ST1480A ST1480ABD ST1480ABDR ST1480ABN ST1480ACD S |
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 3.3V POWERED. 15KV ESD PROTECTED. TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
|
STMicroelectronics N.V.
|
MM-0787-100B |
The Mm-0787-100B filter is designed for use with large computer or motor installations where heavy current is drawn continuously.
|
JMK Inc.
|
836BN-0093Z 836BN-0085Z 836BN-0110Z 836BN-0078Z 83 |
Variable Coils for Surface Mounting UNSHIELDED, VARIABLE INDUCTOR, SMD
|
TOKO, Inc. TOKO INC
|
MSS0317 |
Variable pitch variable loudness 3 Voice ROM
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp.
|
CLNS-T1028Z CLNS-T1036Z CLNS-T1037Z CLNS-T1020Z CL |
Variable Coils UNSHIELDED, 10000 uH - VARIABLE INDUCTOR
|
TOKO Inc. TOKO, Inc.
|