PART |
Description |
Maker |
EL4331C EL4331CS |
Triple 2:1 Mux-Amp AV = 1 IC,ANALOG MUX,TRIPLE,2-CHANNEL,SOP,16PIN,PLASTIC
|
http:// Intersil Corp ELANTEC[Elantec Semiconductor]
|
MUX16 MUX28 MUX-28FT MUX-16 MUX-16AT MUX-16BT MUX- |
8-Channel Analog Multiplexer 16-Channel Analog Multiplexer 16通道模拟多路复用 (MUX-16 / MUX-28) 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected) 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected) 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel/Dual 8-Channel JFET Analog Multiplexers(Overvoltage Protected) 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28
|
AD[Analog Devices] Analog Devices, Inc. 多路复用及模拟开 ANALOG DEVICES INC
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
IDTQS4A20508 QS4A205QG |
QUICKSWITCH垄莽 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX QUICKSWITCH? PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
|
Integrated Device Technology
|
MP8798AS MP8798 MP8798AN MP8798AQ |
CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
|
Exar Corporation
|
MIC2075-1YM MIC202510 MIC2025-1YM MIC2025-2YM MIC2 |
Single-Channel Power Distribution Switch MM8庐 Single-Channel Power Distribution Switch MM8? 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):140mohm; Number of Channels:1; Leakage Current:10mA; Package/Case:8-SOP; Mounting Type:Surface Mount
|
Micrel Semiconductor MICREL INC
|
NLAS1053 NLAS1053US NLAS1053-D |
2:1 Mux/Demux Analog Switches
|
ONSEMI[ON Semiconductor]
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
ST3DV520 |
High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
|
STMicroelectronics
|
ACT8504-T ACT8504-S ACT8504-I ACT8504-C ACT8504 AC |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8504抗辐 ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|