PART |
Description |
Maker |
AD8099ARDZ-REEL7 AD8099 AD8099ACP-R2 AD8099ACP-REE |
Unprecedented Low Noise and Low Distortion High Speed Op-Amp Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
|
AD[Analog Devices]
|
OP37 OP37EP OP37EZ OP37FP OP37GP OP-37 OP37GS OP37 |
Low Noise, Precision, High Speed Operational Amplifier (AVCL > 5) 0.92A; DC Resistance Max, Parallel:0.04ohm; DC Resistance Max, Series:0.16ohm Low Noise / Precision / High Speed Operational Amplifier
|
AD[Analog Devices] Analog Devices, Inc.
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
29W040 M29W040 M29W040-120K5TR M29W040-100K5TR M29 |
4 Mbit 512Kb x8 / Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC Dual Low-Noise High-Speed Precision Operational Amplifier 8-SOIC High Speed High Drive Precision Operational Amplifier 8-CDIP -55 to 125 Excalibur Low-Noise High-Speed Precision Dual Operational Amplifier 8-SOIC High Speed High Drive Precision Dual Operational Amplifier 8-CDIP -55 to 125 ; Capacitance:180pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:300V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount High Speed High Drive Precision Dual Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座低电压单电源闪 CAP RF 2.0PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,统一座低电压单电源闪 CAP RF 27PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 1.8PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 24PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 CAP RF 22PF 250V 0603 SMD 4兆位512KB的8,统一座低电压单电源闪 High Speed High Drive Precision Dual Operational Amplifier 8-SOIC CAP RF 1.0PF 250V 0603 SMD Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 0 to 70 Dual Low-Noise High-Speed Precision Operational Amplifier 8-PDIP 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 512K X 8 FLASH 3V PROM, 200 ns, PDSO32 512K X 8 FLASH 3V PROM, 120 ns, PQCC32
|
意法半导 STMicroelectronics N.V.
|
LT102801 LT1028ACH LT1028ACJ8 LT1028ACN8 LT1028AMH |
Ultra Low Noise Precision High Speed Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 80 uV OFFSET-MAX, 75 MHz BAND WIDTH, PDIP8 Ultralow Noise Precision High Speed Op Amps
|
Linear Technology, Corp.
|
AD8021ARM-REEL AD8021ARM-REEL7 AD8021ARZ-REEL7 AD8 |
Low-Noise, High Speed Amplifier for 16-Bit Systems Low Noise, High Speed Amplifier for 16-Bit Systems 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
2SC5865 |
Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
AD82904 |
High Speed, Low Noise Video Op Amp
|
Analog Devices
|
OP471EY OP471AYMDA OP471FY OP471GS OP471GSZ OP471G |
High Speed, Low Noise Quad Operational Amplifier
|
Analog Devices, Inc.
|
AK2975H |
Precision High Speed Low Noise Operational Amplifier
|
Asahi Kasei Microsystem...
|