PART |
Description |
Maker |
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
GS840E18 GS840E36B-166I GS840E18B-166I GS840E32T-1 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 8.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8.5 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
AT49BV2048 AT49LV2048 AT49LV2048A AT49LV2048A-70RC |
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 2兆位56 × 8/128K × 16)单2.7伏电池电压⑩闪存 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 3V PROM, 70 ns, PDSO44 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage⑩ Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage?/a> Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
IS61NF25618-10BI IS61NF25618-8.5TQ IS61NF25618-8.5 |
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|
GS840H18AB-100I GS840H18AB-180 GS840H18AGT-100 GS8 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
IS61VPS12836A IS64LPS25618A |
128K x 32 / 128K x 36- 256K x 18 4Mb SYNCHRONOUS PIPELINED / SINGLE CYCLE DESELECT STATIC RAM 128K x 32/ 128K x 36/ 256K x 18 4 Mb SYNCHRONOUS PIPELINED SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution
|
|