PART |
Description |
Maker |
BZX79 BZX79-A10 BZX79-A11 BZX79-A12 BZX79-A13 BZX7 |
0.8A TRIACS 稳压二极管兆 16A Snubberless" TRIAC 40A TRIACS 1 A triacs Sensitive 4Q 4A TRIAC 25 A standard and Snubberless" triacs 4A TRIACS Voltage regulator diodes
|
Mospec Semiconductor, Corp. Philips Semiconductors
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA225B BTA225B-500C BTA225B-600C BTA225B-800C BTA |
Three quadrant triacs high commutation(涓?薄???????㈠????纭? Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 25 A, SNUBBERLESS TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. Philips Semiconductors
|
MAC4DLM-D MAC4DLM-1G |
Sensitive Gate Triacs; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
MOC302X MOC3020 MOC3021 MOC3023 MOC3022 |
NON ZERO CROSSING TRIACS (MOC3020 - MOC3023) non-zero-crossing triacs
|
QT[QT Optoelectronics]
|
BTA204-600E BTA204SERIESDEANDF BTA204SERIESD.EANDF |
Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors]
|
UDS-5703H UDN-5700ASERIES UDN-5706A UDS-5733H |
Serial real-time clock with audio 25 A standard and Snubberless" triacs 40A TRIACS 四外设驱 Real-Time Clock 64 Kbit (8192 bot x 8) EEPROM 四外设驱
|
Avago Technologies, Ltd.
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA208X-800B BTA208X-800C BTA208X-800F BTA208X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|