PART |
Description |
Maker |
X24165SG-2.7 X24165GV X24165GG X24165GP X24165F X2 |
Advanced 2-Wire Serial E2PROM with Block LockTM Protection TRIAC,TMG3C60F,3A,600V TO-220F,THRUHOLE NON-ISOLATED TRIAC,TMG2D80D,2A,800V,TO-252 D PACK,SMD SENSITIVE GATE TRIAC,TMG2DQ60D,2A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC) TRIAC,TMG3C60D,3A,600V,TO-252 D PACK,SMD STANDARDTRIAC TRIAC,TMG16D80F,16A,800V TO-220F,THRUHOLE ISOLATED TRIAC,TMG3CQ60D,3A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC)
|
IC MICROSYSTEMS Sdn. Bhd.
|
HTC4A60S |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
HTP4A60S |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
BTA04L-X-X-TF3-T |
SENSITIVE GATE TRIAC
|
Unisonic Technologies
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HTN4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
T0809XH T0805XH T0805NH |
800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SENSITIVE GATE TRIACS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BT137B-500E BT137B-800E |
Triacs sensitive gate(双向可控硅敏感门) 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263AB
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT136M BT136M-500E BT136M-600E BT136M-800E BT136S- |
Transient Voltage Suppressor Diodes 双向敏感 Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE: ZENER 5.6V DUAL COMMON ANODE Triacs sensitive gate
|
NXP Semiconductors N.V. Philips Semiconductors
|
T2302B T2300 T2301 |
(T2300 - T2302) 2.5-A sensitive-gate silicon triac. Max 10 mA gate
|
GE Solid State
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|