PART |
Description |
Maker |
AS-120P |
120WAC-DC Single Output Desktop
|
RSG Electronic
|
AS-120P-12 AS-120P-15 AS-120P-20 AS-120P-24 AS-120 |
120WAC-DC Single Output Desktop
|
RSG Electronic Components GmbH
|
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXEH52 P8SG-0505EH52 P8SG-1205EH52 P8SG-121 |
Input voltage:24V, output voltage 7.2V (200mA), 5.2KV isolated 1.5W regulated single output 5.2 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 5.2千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
ZWS30-12 ZWS30-15 ZWS30-24 ZWS30-3 ZWS30-36 ZWS30- |
Mounting Bracket RoHS Compliant: Yes 单输50240 Single output 50W ~ 150W 单输0150 5015 RR 3#8 6#12 PIN RECPO 单输0150 5015 RR 37#16 PIN RECP L/C 单输150240 5015 RR 36#16 PIN RECP LC 单输50240 5015 RR 24#16 SKT RECP L/C AUDIO SOCKET 3.5MM 2P SOLDER 5015 RR 7#8 PIN RECPT Optoswitch; Operating Temperature Range:-25 C to 55 C RoHS Compliant: Yes TB, SUS sheath, heat resistant RoHS Compliant: Yes Single output 5W ~ 300W Single output 150W ~ 240W
|
Pasternack Enterprises, Inc. Applied Micro Circuits, Corp. LAMBDA[DENSEI-LAMBDA]
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
DS31415 |
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
|
Maxim Integrated Products
|