PART |
Description |
Maker |
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AD652 AD652AQ AD652BQ AD652JP AD652KP AD652SW AD65 |
36V; 50mA; monolithic synchronous voltage-to-frequency converter From old datasheet system VOLTAGE-TO-FREQUENCY CONVERTER,DIP,16PIN
|
Analog Devices Inc Analog Devices, Inc.
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
RN5RY201A RN5RY201A-TL RN5RY201A-TR RN5RY201C RN5R |
VFM step-up DC/DC converter controller. Output voltage 3.8V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.7V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.6V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 3.5V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 3.5V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.4V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.3V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 3.3V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.2V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 2.5V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 2.2V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 2.1V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 2.0V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 2.4V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 2.1V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.1V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.8V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.8V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.8V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.7V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.7V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.7V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.6V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.6V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.6V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.5V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.5V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.5V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.4V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.4V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.4V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.3V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.3V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.3V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.2V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.2V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.2V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 4.1V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 4.1V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 4.1V. Taping type TL VFM STEP-UP DC/DC CONVERTER CONTROLLER 0.05 A SWITCHING CONTROLLER, 180 kHz SWITCHING FREQ-MAX, PDSO5 0.5 A SWITCHING CONTROLLER, PDSO5 VFM step-up DC/DC converter controller. Output voltage 3.1V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.1V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 2.3V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 2.4V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 2.1V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 2.2V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 2.3V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.2V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.2V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 3.3V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.4V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.4V. Antistatic bag for samples VFM step-up DC/DC converter controller. Output voltage 3.5V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.6V. Standard taping type TR VFM step-up DC/DC converter controller. Output voltage 3.7V. Taping type TL VFM step-up DC/DC converter controller. Output voltage 3.7V. Antistatic bag for samples
|
RICOH[RICOH electronics devices division] Ricoh Co., Ltd. RICOH COMPANY LTD
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
HDS-0820 HDS-1250 HDS-1025 HDH-1003 HDH-0802 HDH-1 |
Video Speed Hybrid Current Voltage Out D/A Converter PARALLEL, WORD INPUT LOADING, 12-BIT DAC, MDMA24 8-, 10-,12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter 12-Bit Video Speed Hybrid Current Out D/A Converter 8-, 10-, 12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2SC5459 |
Transistor Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching, DC-DC Converter, DC-AC Converter Applications
|
TOSHIBA
|