PART |
Description |
Maker |
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N4413A 2N4415A 2N4384 2N4386 2N4027 2N4963 2N4269 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
MPSA94 PN3563 PN3566 PN3640 MPSA45 MPSA28 PN3568 P |
Small Signal Transistors Small Signal Transistors PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SST4401 MMST4401 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN Medium Power Transistor
|
Rohm
|
UMT3904 SST3904 2N3904 MMST3904 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
2SD2657K |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system
|
ROHM
|
NTE128P NTE129P |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO237 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO237 Silicon Complementary Transistors General Purpose Amp
|
NTE[NTE Electronics]
|