PART |
Description |
Maker |
1N5238B-TP 1N5242B-TP 1N5257B-TP 1N5230B-TP 1N5234 |
DIODE ZENER 500MW 8.7V DO35 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 12V DO35 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 33V DO35 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 4.7V DO35 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 6.2V DO35 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 5.6V DO35 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 24V DO35 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW Zener Diode 2.4 to 75 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
CDSU4148S-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=100V, P-D=150mW, I-F=150mA SMD Switching Diode
|
Comchip Technology
|
UPD70236GD-10 UPD70236R-10 UPD70236GD-12 UPD70236R |
16-Bit Microprocessor, High-Speed, High-Intergration, CMOS DIODE ZENER SINGLE 500mW 62Vz 20mA-Izt 0.05 0.1uA-Ir 47Vr DO35-GLASS 5K/REEL DIODE ZENER DUAL COMMON-ANODE 300mW 11Vz 5mA-Izt 0.05 0.1uA-Ir 8.5Vr SOT-23 3K/REEL DIODE ZENER SINGLE 500mW 68Vz 1.8mA-Izt 0.05 0.1uA-Ir 52Vr DO35-GLASS 5K/AMMO DIODE ZENER SINGLE 500mW 68Vz 1.8mA-Izt 0.05 0.1uA-Ir 52Vr DO35-GLASS 5K/REEL
|
NEC Corp. http://
|
1N74 1N60D 1N68A 1N96A 1N72 1N73 1N93 1N63 1N61 1N |
Diode Switching 100V 10A 2-Pin Diode Switching 50V 3A 2-Pin Case A GOLD BOUNDED GERMANUM DIODE Diode Small Signal Switching 75V 0.3A Automotive 2-Pin DO-35 T/R Diode Switching 125V 0.0003A 2-Pin DO-35 Diode Switching 50V 0.005A 2-Pin Case H GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductor
|
1N3163 1N3162 1N3174 1N3176 1N3166 1N3167 |
Diode Switching 150V 240A 2-Pin DO-9 Diode Switching 100V 240A 2-Pin DO-9 Diode Switching 1KV 300A 2-Pin DO-9 Diode Switching 1.4KV 240A 2-Pin DO-9 Diode Switching 300V 240A 2-Pin DO-9 Diode Switching 350V 240A 2-Pin DO-9
|
New Jersey Semiconductor
|
UPD75036GC |
DIODE ZENER SINGLE 500mW 47Vz 2.7mA-Izt 0.05 0.1uA-Ir 36Vr DO35-GLASS 5K/AMMO
|
NEC Corp.
|
FME-220A |
Schottky Barrier Diode - 90V/100V 100V, 20A Schottky barrier diode in TO220F package 100V/ 20A Schottky barrier diode in TO220F package 100V, 20A,Schottky Barrier Diode(100V,20A,肖特基势垒二极管) 20 A, SILICON, RECTIFIER DIODE, TO-220AB
|
SANKEN[Sanken electric] Sanken Electric Co., Ltd.
|
MCL444809 |
150mA Surface Mount Switching Diode- 100V
|
Formosa MS
|
FE3B FE3D FE3C |
Diode Switching 100V 3A 2-Pin Case G-4 Diode Switching 200V 3A 2-Pin Case G-4 Diode Switching 150V 3A 2-Pin Case G-4
|
New Jersey Semiconductor
|
FME-230A |
Schottky Barrier Diode - 90V/100V 100V, 30A Schottky barrier diode in TO220F package 100V/ 30A Schottky barrier diode in TO220F package CRYSTAL 20.000000 MHZ SMD 8PF
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
A63P8336E-4.2F A63P8336 A63P8336E A63P8336E-2.6F A |
256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 256 × 36位同步高的Burst计数器和流水线数据输出高速SRAM DIODE ZENER SINGLE 500mW 6.2Vz 20mA-Izt 0.05 5uA-Ir 4Vr DO35-GLASS 5K/AMMO
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
1N4392 1N4404 1N4411 1N4421 1N4402 1N4405 1N4403 1 |
DIODE SWITCHING DIODE 0.5A 2DO-17 Diode Switching 75V 0.25A Automotive 2-Pin SOD-323 T/R Diode Zener Single 68V 5% 1.5W 2-Pin DO-41 Diode Rectifier Bridge Single 200V 10A
|
New Jersey Semiconductor
|
|