PART |
Description |
Maker |
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
HTZ150C6K HTZ150C7K HTZ150C8K HTZ150C9K |
6000V high voltage diode rectifier module 7200V high voltage diode rectifier module 8400V high voltage diode rectifier module 9600V high voltage diode rectifier module
|
IXYS
|
SHM25UFSMS SHM15UFSMSTX SHM20UF RV0015C-15 |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER 0.25 A, SILICON, SIGNAL DIODE HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
JHV3780 JHV37 JHV3712 JHV3716 JHV3720 JHV3724 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 60000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 57; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
S2HVS7.5 S2HVS2.5 S2HVS5 |
High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
SDAH7500 SDAH10000 SDAH12500 SDAH15000 SDAH2500 SD |
2 AMPS 2500 Α 15000 VOLTS STANDARD RECOVERY HIGH CURRENT - HIGH VOLTAGE RECTIFIER 2 A, SILICON, RECTIFIER DIODE 2 AMPS 2500 ─ 15000 VOLTS STANDARD RECOVERY HIGH CURRENT - HIGH VOLTAGE RECTIFIER
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
STTH4L06Q STTH4L06QRL STTH4L06RL |
4 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 Turbo 2 ultrafast high voltage rectifier
|
STMICROELECTRONICS
|
B1100LB-13-F |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc.
|