PART |
Description |
Maker |
R5000 |
High Voltage Rectifier Reverse Voltage 5KV Forward Current 0.2 A
|
Rugao Dachang Electronics Co., Ltd
|
CL01-12S CL01-12S-15 |
Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
2CL04 |
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 4KV Forward Current 5mA
|
Rugao Dachang Electronics Co., Ltd
|
2CL03 |
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
|
Rugao Dachang Electronics Co., Ltd
|
2CL72B |
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 10KV Forward Current 5mA
|
Rugao Dachang Electronics Co., Ltd
|
2CL03S |
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 3KV Forward Current 5mA
|
Rugao Dachang Electronics Co., Ltd
|
BY127 |
GENERAL PURPOSE SILICON RECTIFIER High reverse voltage
|
SHENZHEN YONGERJIA INDUSTRY CO.,LTD List of Unclassifed Manufac...
|
US1DL US1BL US1AL |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
|
Rugao Dachang Electronics Co., Ltd
|
HER103G HER108G HER101G HER102G HER104G HER105G HE |
Octal D-type Transparent Latches With 3-State Outputs 20-CFP -55 to 125 GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER, Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Ampere
|
上海朗硕科技有限公司 CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
TC1279-5ENB TC1278 TC1278-10ENB TC1278-15ENB TC127 |
3-Pin Reset Monitors for 5V Systems 3引脚复位监控器的5V系统 Fast Recovery Power Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):3A; Non Repetitive Forward Surge Current Max, Ifsm:150A; Reverse Recovery Time, trr:50ns; Forward Voltage Max, VF:1V
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|