PART |
Description |
Maker |
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
27HC256L-55E/J 27HC256L-70/K 27HC256L-70E/K 27HC25 |
Dual High-Speed, 1.5A MOSFET Drivers 140MHz, 2-Channel, Video Multiplexer Amplifier Evaluation Kit for the MAX4411 330mW, Ultra-Small, Audio Power Amplifiers with Shutdown Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP Evaluation Kit for the MAX4410 250MHz Wideband Transconductance Amplifier with Differential Output CMOS, Micropower, Inverting Switching Regulator Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable Low-Noise, High-Precision Op Amps x8 EPROM x8存储 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown x8存储 8-Channel, High-Speed, Video Multiplexer Amplifier x8存储 Evaluation Kit for the MAX4383 x8存储
|
Unisonic Technologies Co., Ltd.
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
MAX6901EVSYS MAX6902EVKIT MAX6901EVKIT |
Evaluation System/Evaluation Kit for the MAX6901 Evaluation System/Evaluation Kit for the MAX6902
|
MAXIM - Dallas Semiconductor
|
2750D0100-01 2750D0150-01 2750D0010-01 2735D0080-0 |
Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3524 Evaluation Kit for the MAX3514, MAX3516, MAX3517 ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 消费性IC
|
Vishay Intertechnology, Inc.
|
MAX1258EVKIT |
Evaluation Kit/Evaluation System for the MAX1057, MAX1058, MAX1257, MAX1258
|
Maxim
|
MAX3760EVKIT-SO MAX3760EVKIT |
Evaluation Kit for the MAX3760 From old datasheet system MAX3760 Evaluation Kit
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6692EVSYS MAX6692EVKIT |
Evaluation System/Evaluation Kit for the MAX6648/MAX6649/MAX6692
|
Maxim
|
|