PART |
Description |
Maker |
LTC1157 LTC1157C LTC1157CN8 LTC1157CS8 LT1157 |
From old datasheet system 3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
|
LINER[Linear Technology]
|
LTC1154 LTC1154C LTC1154CN8 LTC1154CS8 LT1154 |
From old datasheet system High-Side Micropower MOSFET Driver
|
LINER[Linear Technology]
|
LTC1156 LTC1156C LTC1156CN LTC1156CS LT1156 |
From old datasheet system Quad High Side Micropower MOSFET Driver with Internal Charge Pump
|
LINER[Linear Technology]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
MAX4372TESA MAX4372T09 MAX4372H MAX4372TEUK-T MAX4 |
Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA6
|
Maxim Integrated Products, Inc.
|
MIC5011 MIC5011BM MIC5011BN |
Minimum Parts High- or Low-Side MOSFET Driver Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDSO8 Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDIP8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
HIP6601B HIP6603B HIP6604B |
MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 5/12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side and 5/12V High Side or 5/12V High and Low Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|