PART |
Description |
Maker |
IRG4IBC30W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4PC40W IRG4PC40 |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.05V,@和VGE \u003d 15V的,集成电路\u003d 20A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4BC20S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
IRG4RC10U IRG4RC10UTR IRG4RC10UTRL IRG4RC10UTRR |
600V UltraFast 8-60 kHz Discrete IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4PC50S-P |
600V DC-1 kHz (Standard) Discrete IGBT in a SM TO-247 package
|
International Rectifier
|
AUIRG4BC30U-S |
600V Automotive UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier
|
IRG4PC60U-PPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC Solder Plate package
|
International Rectifier
|
IRG4RC10S IRG4RC10 IRG4RC10STR IRG4RC10STRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.10V,@和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC40F |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A) 绝缘栅双TRANSISOR(VCES和\u003d 600V电压的Vce(on)典\u003d 1.50V,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PC30 IRG4PC30F IRG4PC30F-EPBF IRG4PC30FPBF |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 31 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
Vishay Intertechnology, Inc. International Rectifier
|
15ETH06 15ETH06-1 15ETH06S 15ETH06FP |
Hyperfast Rectifier Hyperfast整流 600V 15A Hyperfast Discrete Diode in a TO-220 FullPack package 600V5A条Hyperfast分立二极管采TO - 220 FullPack 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a D2-Pak (UltraFast) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|