PART |
Description |
Maker |
CY7C1353 7C1353 |
256Kx18 Flow-Through SRAM with NoBL Architecture(B>NoBL结构56Kx18流通式 静态RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
K7P401823M-HC700 K7P401823M K7P40361823M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 256K X 18 STANDARD SRAM, 7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
CY7C1333 7C1333 CY7C1333-66AC CY7C1333-50AC |
64Kx32 Flow-Thru SRAM with NoBL Architecture(B>NoBL结构4Kx32流通式 SRAM) 64Kx32 Flow-Thru SRAM with NoBL⑩ Architecture From old datasheet system
|
Cypress Semiconductor Corp.
|
K7P401823B |
128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
K7A403609B06 |
128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung semiconductor
|
IC61SF12836 IC61SF12832 IC61SF12832-7.5B IC61SF128 |
SYNCHRONOUS STATIC RAM, Flow Through 128K x 32 Flow Through SyncBurst SRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
GS8162Z18B-133 GS8162Z18B-133I GS8162Z18B-200 GS81 |
133MHz 8.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 150MHz 7.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
GS8640Z18T-V GS8640Z18T-250V GS8640Z18T-250IV |
72Mb Pipelined and Flow Through Synchronous NBT SRAM 72Mb流水线和流量,通过同步唑的SRAM 72Mb Pipelined and Flow Through Synchronous NBT SRAM 4M X 18 ZBT SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|