PART |
Description |
Maker |
AS5C2568 AS5C2568DJ-20_XT AS5C2568DJ-12_883C AS5C2 |
SRAM 32K x 8 SRAM SRAM MEMORY ARRAY SRAM 静态存储器
|
ETC AUSTIN[Austin Semiconductor] Electronic Theatre Controls, Inc.
|
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
HM66AQB18204BP-33 HM66AQB36104BP-40 HM66AQB9404BP- |
Memory>Fast SRAM>QDR SRAM 36-Mbit QDRTMII SRAM 4-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AS7C3256A-8 AS7C3256A-8TCN AS7C3256A-8JC AS7C3256A |
SRAM - 3.3V Fast Asynchronous 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 8 ns, PDSO28 Dual 4-Input Positive-AND Gate 14-SSOP -40 to 85 32K X 8 STANDARD SRAM, 8 ns, PDSO28
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
IDT71P72804 IDT71P72604 IDT71P72604S167BQ IDT71P72 |
1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 512K x 36 QDR II PipeLined SRAM Storage, Cases Tools, Applicator RoHS Compliant: NA Nickel Cadmium Battery Pack; Voltage Rating:12V RoHS Compliant: NA SIGN, FIRE EXTINGUISHER, 100X200MM; RoHS Compliant: NA 18Mb Pipelined QDRII SRAM Burst of 2 35.7流水线推QDRII SRAM的爆 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.5 ns, PBGA165 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.45 ns, PBGA165
|
IDT http:// Integrated Device Technology, Inc.
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
74F212SCQR 74F212L1CQR 54F212L1MQB 54F212DMQB 74F2 |
16 X 9 STANDARD SRAM, 28 ns, PDSO20 16 X 9 STANDARD SRAM, 28 ns, CQCC20 16 X 9 STANDARD SRAM, 28 ns, CDIP20 16 X 9 STANDARD SRAM, 28 ns, PQCC20
|
FAIRCHILD SEMICONDUCTOR CORP
|