PART |
Description |
Maker |
571-4031 571-4031-01-05-19 |
BRASS, TIN LEAD OVER COPPER FINISH, PCB TERMINAL Insulated solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
2329-2-00-44-00-00-07-0 2329-2-00-50-00-00-07-0 |
BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL BRASS, TIN LEAD (300) FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
39-00-0038 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, TIN OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
0039000047 39-00-0047 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass 4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass MOLEX Connector
|
Molex Electronics Ltd.
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
0039000039 39-00-0039 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass
|
Molex Electronics Ltd.
|
08-03-0303 |
Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
0940-0-00-01-00-00-08-0 |
BRASS, TIN LEAD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
5601-0-00-1-00-00-03-0 3132-0-00-1-00-00-08-0 5602 |
BRASS, TIN LEAD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
0039000046 39-00-0046 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass, 22-28 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
2314-4-01-01-00-00-07-0 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1105-0-15-01-13-01-10-0 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
|