PART |
Description |
Maker |
74OL6000 74OL6011 74OL6001 74OL6010 |
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
QT[QT Optoelectronics]
|
HCPL-576X 5962-8947701 5962-8947701PA 5962-8947701 |
Hermetically Sealed Optocoupler. AC/DC to Logic Interface 密封光耦AC / DC的逻辑接口 AC/DC to Logic Interface Hermetically Sealed Optocouplers 5962-8947701YA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701XA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701YC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PA · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-576K-100 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KXA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYC · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-5760 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface HCPL-576K · Hermetically sealed Optocoupler, AC/DC to Logic Interface
|
International Rectifier, Corp. Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
74OL6001NL |
6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
Fairchild Semiconductor, Corp.
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
EPM3128ATC EPM3256ATC EPM3032ATC EPM3064A EPM3128A |
Programmable Logic , 64 Macrocells, 4 Logic Array Blocks, 66 I/o Pins, 10ns Programmable Logic Device Family Programmable Logic , 128 Macrocells, 8 Logic Array Blocks, 96 I/o Pins, 10ns
|
ALTERA[Altera Corporation]
|
6N137 HCPL-2631 HCPL-2630 HCPL-2611 HCPL2631 HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
|
QT[QT Optoelectronics]
|
BU4093B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
EPM7032AETC44-4 EPM7064AELC44-10 EPM7064AELI44-7N |
High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX Programmable Logic Device Family Programmable Logic Device
|
Altera Corporation
|
BU4S584 A5800657 |
Standard Logic LSIs > CMOS logic BU4S Series From old datasheet system Single Schmitt Trigger(单施密特触发
|
ROHM[Rohm] Rohm CO.,LTD.
|
SY10EL33LZGTR SY10EL33LZI SY10EL33LZITR SY100EL33L |
IC, SM DIVIDER BY 2 PECLIC, SM DIVIDER BY 2 PECL; Logic IC family:100EL32; Logic IC Base Number:100; Logic IC function:32; Voltage, supply:5V; Case style:SOIC; Base number:100; IC Generic number:100EL32; Logic function number:32; 5V/3.3V ÷ 2 DIVIDER 5V/3.3V ± 2 DIVIDER
|
MICREL INC MICREL[Micrel Semiconductor]
|
DCG015 |
MACH4 ISP EEPLD, SMD, TQFP144, 5V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:5V; Case style:TQFP; Base number:4; I/O lines, No. of:96; Logic function number:M4; Macrocells, No. of:192; Pins, RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|