PART |
Description |
Maker |
SM5840A SM5840B |
For Digital Audio Multi-function Digital Filter
|
NPC[Nippon Precision Circuits Inc]
|
SM5840FS SM5840FP |
AUDIO MULTI-FUNCTION DIGITAL FILTER
|
Nippon Precision Circuits Inc
|
SM5846AP |
Multi-function Digital Filter
|
NPC[Nippon Precision Circuits Inc]
|
CS4812 CS4812-KM CS4812-3 CDB4812 |
From old datasheet system Fixed Function Multi-Effects Audio Processor
|
CIRRUS[Cirrus Logic]
|
STA308A STA308A07 |
Multi-channel digital audio processor with DDX TM
|
STMicroelectronics
|
SI-3000R SI-3050R |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function 5 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type with Reset Function 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type with Reset Function
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
ICM7216B04 ICM7216DLPL ICM7216B ICM7216BLPL ICM721 |
LED Display Driver, Frequency Counters/Timers, 8-Digit, Multi Function, DP/Leading Zero Banking external 8-Digit, Multi-Function, Frequency Counters/Timers
|
INTERSIL[Intersil Corporation]
|
FLI5962H FLI5968H |
(FLI5962H / FLI5968H) Multi-function LCD monitor controllers up to WUXGA (FLI5962 / FLI5968) Multi-function LCD monitor controllers up to WUXGA
|
STMicroelectronics
|
EM91450A/B/C/D EM91450 EM91450C |
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION Telephone Dialer Multi-Function Dialer
|
ELAN Microelectronics Corp ELAN Microelctronics Corp .
|
243NQ100 243NQ 243NQ080 243NQ090 243NQ100R |
100V 240A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-QFN; Leaded Process Compatible:No; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:20-TSSOP; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Supply Voltage:5.25V; Frequency:192GHz RoHS Compliant: Yes Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:96GHz; Interface Type:Serial; Leaded Process Compatible:No; No. of Drivers:1; No. of Receivers:1; Operating Temp. Max:70 C RoHS Compliant: No SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
TC9446F |
Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
|
Toshiba Corporation
|