PART |
Description |
Maker |
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
LA4725 1531 |
2-Channel BTL Power Amplifier (30W 30W) with Standby Switch for Car Stereos(用于汽车立体声双BTL功率放大器(30W 30W,带备用开关)) Monolithic Linear IC From old datasheet system 2-Channel BTL Power Amplifier 30 W 30 W with Standby Switch for Car Stereos
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
SDM30-12S12 SDM30-12S15 SDM30-12S3 SDM30-12S5 SDM3 |
30W DC-DC Single Output
|
Mean Well Enterprises Co., Ltd.
|
M67741H 67741H M67741 |
RF POWER MODULE 150-175MHz, 12.5V, 30W, FM MOBILE RADIO 135-160MHz /12.5V /30W / FM MOBILE RADIO 150-175MHz,12.5V,30W, FM MOBILE RADIO From old datasheet system 150-175MHz /12.5V /30W / FM MOBILE RADIO
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MPS-30-48 MPS-30-27 MPS-30-12 MPS-30-15 MPS-30-5 M |
30W Single Output for Medical Type
|
Mean Well Enterprises Co., Ltd.
|
MPS-30-5 MPS-30 MPS-30-12 MPS-30-15 MPS-30-24 MPS- |
30W Single Output for Medical Type
|
TOTAL-POWER[Total Power International]
|
STK405-050 STK405-120 STK405-010 STK405-030 STK405 |
2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%
|
SANYO[Sanyo Semicon Device]
|
PLP-30 PLP-3011 PLP-30-12 PLP-30-24 PLP-30-48 |
30W Single Output LED Power Supply
|
Mean Well Enterprises Co., Ltd.
|
P8SG-053R6ZH52M P8SG-0505ZH52M P8SG-247R2ZH52M |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-7.2V ( /-100mA), 5.2KV isolated 1.5W regulated single output
|
PEAK electronics
|
STK4151V |
AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
F2502RW F2511RW F2515RW F2516RW F2506RW F2523RW F2 |
2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|