PART |
Description |
Maker |
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
2N1890 JAN2N1890S JAN2N1711S JANTX2N1711 |
NPN LOW POWER SILICON TRANSISTOR NPN Transistor 500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
KRC886T KRC881T KRC882T KRC883T KRC884T KRC885T KR |
Built in Bias Resistor EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING) (KRC881T - KRC886T) EPITAXIAL PLANAR NPN TRANSISTOR 300 mA, 20 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
BUD7312 BUD7312-SMD |
3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-251 3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-252 From old datasheet system Silicon NPN High Voltage Switching Transistor
|
VISHAY TELEFUNKEN
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
|