PART |
Description |
Maker |
MC10E167-D |
5V ECL 6 Bit 2:1 Mux Register
|
ON Semiconductor
|
MC10E156 MC10E156FN CM10E156 MC100E156 MC100E156FN |
From old datasheet system 3-BIT 4:1 MUX-LATCH
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|
MC100E175FN MC100E175FNG MC100E175FNR2 MC100E175FN |
5V ECL 9-Bit Latch With Parity
|
ONSEMI[ON Semiconductor]
|
MC10E175-D |
5V ECL 9 Bit Latch With Parity
|
ON Semiconductor
|
MC10H60306 MC10H603FN MC10H603FNG MC10H603FNR2 MC1 |
9−Bit Latch ECL to TTL Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
100343PC 100343QC 100343QI 100343 100343QIX 100343 |
Low Power 8-Bit Latch From old datasheet system 8-Bit D-Type Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SY89830U SY89830UK4I SY89830UK4ITR |
2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
|
MICREL[Micrel Semiconductor]
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
SY100EP14U |
2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz Clock Driver with 2:1 Differential Input Mux
|
Micrel Semiconductor
|