PART |
Description |
Maker |
MAX3243 MAX3221EUE MAX3243EWI MAX3221CUE MAX322103 |
1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown LINE TRANSCEIVER, PDSO16 1レA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1楼矛A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1渭A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
|
Maxim Integrated Products, Inc.
|
MAX3218 MAX3218CAP MAX3218CPP MAX3218EAP MAX3218EP |
1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown LINE TRANSCEIVER, PDSO20 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown(1.8~4.25V,自动关闭方式20kbps,RS-232收发 1µA.8V.25V、RS-232收发器,带有AutoShutdown™ 1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown⑩ 1µA, 1.8V to 4.25V RS-232 Transceiver with AutoShutdown 1A Supply Current / 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3212 MAX3212CAI MAX3212CWI MAX3212EAI MAX3212EW |
2.7V to 3.6V-Powered, 1μA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1レA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered / 1A Supply Current / 3-Driver/5-Receiver / True RS-232Transceiver 2.7V H106to 3.6V-Powered, G106E1043-Driver/5-Receiver, True RS-232 F105Transceiver(2.7~3.6V,自动关闭方式,235kbps,RS-232收发
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NCP803SN293T3G NCP803SN293T3 |
Very Low Supply Current 3-Pin Microprocessor Reset Monitor 2.93V Very Low Supply Current 3-Pin Microprocessor Reset Low Monitor with Open Drain N-Channel output; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ON Semiconductor
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
MC14538B MC14538BD MC14538BDR2 MC14538BDT MC14538B |
UltraLow-Supply Current/Supply-Voltage Supervisory Circuit 6-SOT-23 -40 to 85 Dual Precision Retiggerable/Resettable Monostable Multivibrator
|
ONSEMI[ON Semiconductor]
|
AD8541 AD8542 AD8544 |
Single Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current Dual Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current Quad Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current
|
Analog Devices
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
R1223N332A R1223N332C R1223N332D R1223N332E R1223N |
PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Taping specification TL 5015 RR 6#16S SKT PLUG Analog IC 模拟IC PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM Step-down DC/DC Converter 脉宽调制/ VFM的降压直直流转换 PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL
|
RICOH[RICOH electronics devices division] Ricoh Co., Ltd. RICOH electronics devic...
|
SKIIP03NAC066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 2.8; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge rectifier 3-phase bridge inverter
|
Semikron International
|
LT1815 LT1815IS5 LT1815IS6 LT1815IS8 LT1816CS8 LT1 |
Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current 6.5mA, 220MHz, 1500V/us Operation Amplifier with Programmable Current Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
|
LINER[Linear Technology]
|