PART |
Description |
Maker |
MAX1921 MAX1921EUT-T MAX1920EUT-T MAX1920 MAX1921E |
3.3 V, Low-voltage, 400 mA step-down DC-DC converter Low-Voltage / 400mA Step-Down DC-DC Converters in SOT23 Low-Voltage 400mA Step-Down DC-DC Converters in SOT23 " Low-Voltage, 400mA Step- Down DC-DC Converters in SOT23" Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23 SMPS Controller
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AN1593 LM2575D2T-5R4 LM2575TV-ADJ LM2575D2T-005 LM |
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS 1A, Adjustable Output Voltage, Step-Down Switching Regulator EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
Motorola, Inc ON Semiconductor
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
MAX1536ETI_ MAX1536 MAX1536ETI |
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1644 MAX1644EAE |
2A, low-voltage, step-down regulator with synchronous rectification and intemal switches 2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
|
MAXIM - Dallas Semiconductor Maixm
|
MAX1966 MAX1966ESA MAX1966-MAX1967 MAX1967EUB |
Low-Cost Voltage-Mode PWM Step-Down Controllers PLASTIC ENCAPSULATED DEVICES Low-Cost Voltage-Mode PWM
Step-Down Controllers
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AS1322B-BTTT ASKQ AS1322A |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
http:// ams AG
|
L6997STR L6997S |
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
|
STMICROELECTRONICS[STMicroelectronics]
|
AAT1299 |
Low Voltage 2MHz Step-Up DC/DC Converter
|
Analogic
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
B3800P B3800 B3800M |
Switching Regulator Controller Step Up Low Voltage (BIPOLAR) Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
|
BayLinear ETC[ETC] List of Unclassifed Manufacturers
|