PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
1N914BWS 1N4148WS |
Small Signal Diode; Package: SOD-323F; No of Pins: 2; Container: Tape & Reel 0.15 A, 100 V, SILICON, SIGNAL DIODE Small Signal Diodes
|
Fairchild Semiconductor, Corp.
|
BZX84C18LT1 BZX84C18LT3 BZX84C36LT1 BZX84C36LT3 BZ |
From old datasheet system Small Signal 5% 20V Small Signal 5% 15V Small Signal 5% 13V Zener Zener Diode MINIBLOC Small Signal 5% 8.2V Zener NP Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 5% 9.1V Small Signal 4.7V Small Signal 5% 7.5V Small Signal 5% 5.1V Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
1N4448TR FDLL4148-D87Z |
High Conductance Fast Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35 1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Small Signal Diode
|
Fairchild Semiconductor, Corp.
|
BAV23S BAV23A BAV23C BAV23C-TP |
350mW Small Signal Diode 0.225 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
BSV12 BSW65 BSS44 BSW67 BSX64 BSV16 BFY50 BSX60 BS |
Small Signal Transistors 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Siemens Semiconductor Group Seme LAB
|
TMBYV10-60 3485 TMBYV-10-60 TMBYV10-60FILM |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
BAT30S BAT30ST/R13 |
SMALL SIGNAL SCHOTTKY DIODES 0.3 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Pan Jit International Inc.
|
|