PART |
Description |
Maker |
74ACTQ821 74ACTQ821SC 74ACTQ821SPC |
Quiet Seriesa?10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa10-Bit D-Type Flip-Flop with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D |
Octal 3-STATE D-Type-Edge-Triggered Flip-Flops From old datasheet system 9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85 Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
74ABT273A 74ABT273AD 74ABT273ADB 74ABT273AN 74ABT2 |
Octal D-type flip-flop D FLIP-FLOP, PDSO20 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT534APWDH 74ABT534A 74ABT534AD 74ABT534ADB 74A |
Octal D-type flip-flop, inverting 3-State ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 From old datasheet system Octal D-type flip-flop, inverting (3-State)
|
NXP Semiconductors N.V. IRF[International Rectifier] Philips
|
74LCX16374MTD 74LCX16374 74LCX16374G 74LCX16374MEA |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 低电6位D类触发器V容限输入和输出拖 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|