PART |
Description |
Maker |
1110748 1110748-P |
Surface Mount-to-DIP JEDEC SOT-25, SOT-23A-6 Adapter
|
Aries Electronics, Inc.
|
SML-LX15GYC-RP-TR |
DUAL COLOR LED, YELLOW/GREEN, 3 mm LEAD FREE, SOT-23, 3 PIN SOT-23 REPLACEMENT
|
Lumex, Inc. LUMEX INC.
|
MMST5086 MMST5087 MMST5088 MMST5089 MMST7157 SST71 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|达林顿|叩| 40V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 EZ-USB SX2 High-Speed USB Interface Device KIT EZ-USB SX2 DEVELOPMENT IC, STATIC RAM, 512K X 8 TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | 500MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 500MA I(C) | SOT-23 Low-Cost 3.3V Zero Delay Buffer TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 50MA I(C) | SOT-23VAR PCIX I/O System Clock Generator with EMI Control Features TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 600MA I(C) | SOT-23 4-Mbit (128K x 36) Pipelined Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture KIT DEVELOPMENT EZ-USB FX2LP TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | SOT-23VAR TRANSISTOR|BJT|NPN|25VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|NPN|30VV(BR)CEO|200MAI(C)|SOT-23VAR TRANSISTOR|BJT|PNP|50VV(BR)CEO|200MAI(C)|SOT-23VAR
|
|
2SC2059KJM 2SC2059KJN 2SC2059KJP 2SC3082KSP 2SC308 |
TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 600MA I(C) | SOT-23 晶体管|晶体管|叩| 32V的五(巴西)总裁| 600毫安一(c)| SOT - 23封装 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 25V的五(巴西)总裁| 50mA的一(c)| SOT - 23封装 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 19V V(BR)CEO | 50MA I(C) | SOT-23 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR|BJT|NPN|20VV(BR)CEO|20MAI(C)|SOT-23
|
TT electronics Semelab, Ltd.
|
FPQ331 FPQ76 PMQPW250 PMQ440 |
Analog IC High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 高压大电流SOT-23封装检测放大器,封装类型:SOT;引脚数量:5;工作温度:0℃_70 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 模拟IC
|
Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|
CMBT2369 |
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|叩| 15V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装
|
Rectron Semiconductor
|
CMPTA42E |
TRANSISTOR | BJT | NPN | 350V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|叩| 350V五(巴西)总裁| 500mA的一(c)| SOT - 23封装
|
Central Semiconductor, Corp.
|
CMBT200 CMBT200A |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 500mA的一c)| SOT - 23封装
|
Sumida, Corp.
|
2SD2028 2SD2028-7 2SD2028-6 |
TRANSISTOR | BJT | NPN | 8V V(BR)CEO | 700MA I(C) | SOT-23 晶体管|晶体管|叩| 8V的五(巴西)总裁| 700mA的一(c)| SOT - 23封装 Low-Frequency Power Amp Applications
|
Sanyo Electric Co., Ltd. Vishay Beyschlag SANYO[Sanyo Semicon Device]
|
ATF-53189 |
ATF-53189 · Single Voltage E-pHEMT Low Noise 40 dBm OIP3 in SOT-89 package Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
X60003B-5006 X60003BIG3-50T1 X60003BIG3Z-50T1 X600 |
Precision 5.0V SOT-23 FGA Voltage Reference(精密5.0V SOT-23 FGA电压基准) Precision 5.0V SOT-23 FGA⑩ Voltage Reference Precision 5.0V SOT-23 FGA?/a> Voltage Reference
|
Xicor Inc. INTERSIL[Intersil Corporation]
|