PART |
Description |
Maker |
LCD15-24D05W LCD15-24D12W LCD15-24D15W LCD15-24S05 |
15 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
PDL03-12S05W PDL03-48S12W PDL03-48S15W PDL03-12D05 |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
PDL03-48S12 PDL03-48S15 PDL03-05D05 PDL03-05D12 PD |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
TEM03-05D12 TEM03-05S05 TEM03-05S12 TEM03-05S33 TE |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
2N5954 2N6373 2N6374 2N5956 2N5955 |
BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 3; FREQUENCY RANGE: 2 - 200 MHz; MINIMUM ISOLATION: 25 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION COMPLEMENTARY SILICON POWER TRANSISTORS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N6230 |
N FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 2; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 25 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION LOSS
|
TT electronics Semelab Limited
|
KSH07048S1V2AH KSH07048S1V2AL KSH07048S1V2BH KSH07 |
Half brick DC/DC converter. Open frame/positive logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Open frame/negative logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Baseplate/positive logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Baseplate/negative logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Open frame/positive logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Open frame/negative logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Baseplate/positive logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Baseplate/negative logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Open frame/positive logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Open frame/negative logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Baseplate/positive logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Baseplate/negative logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Open frame/positive logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Open frame/negative logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Baseplate/positive logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Baseplate/negative logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Open frame/positive logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Open frame/negative logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Baseplate/positive logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Baseplate/negative logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Open frame/positive logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Open frame/negative logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Baseplate/positive logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Baseplate/negative logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A.
|
International Power Sources
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
GPM200E GPM200F GPM200B GPM200D GPM200A |
Maximum Continuous Output Power at 50°C With external 26 cfm Airflow = 200 W
|
SL Power Electronics
|
FKC08-12D15 FKC08-12D05 FKC08-12D12 FKC08-12S33 FK |
8 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FDC15-24D05 FDC15-24D12 FDC15-24D15 FDC15-24S05 FD |
15 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FDC05-12D05 FDC05-12D12 FDC05-12D15 FDC05-12S05 FD |
5 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|