PART |
Description |
Maker |
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ATS667LSGTN-T ATS667LSG |
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
|
Allegro MicroSystems
|
ATS627LSG ATS627LSGTN-T |
True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
|
Allegro MicroSystems
|
ATS665LSGNBSP ATS665LSG |
From old datasheet system True Zero Speed, High Accuracy, Gear Tooth Sensor
|
ALLEGRO[Allegro MicroSystems]
|
EVAL-AD5764EBZ AD5764ASUZ AD5764ASUZ-REEL7 |
Complete Quad, 16-Bit, High Accuracy Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HMC470LP3 |
5-Bit, 1 to 31dB Range, DC to 3 GHz, +/- 0.3 dB Bit Accuracy
|
HITTITE
|
AD7322BRUZ EVAL-AD7322CBZ |
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO14 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5763 AD5763BSUZ AD5763CSUZ |
Complete Dual, 16-Bit, High Accuracy, Serial Input, 隆戮5V DACs Complete Dual, 16-Bit, High Accuracy, Serial Input, ±5V DACs
|
Analog Devices
|
IDT74823ATD IDT54825ATEB IDT74825ATQ |
FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDIP24 FCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDFP24 FCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO24
|
INTEGRATED DEVICE TECHNOLOGY INC
|
MAX1274BCTC-T MAX1274ACTC-T MAX1275BCTC-T MAX1275B |
1.8Msps. Single-Supply. Low-Power. True-Differential. 12-Bit ADCs 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC12
|
Maxim Integrated Products, Inc.
|