PART |
Description |
Maker |
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFU410 FN3372 IRFR410 |
1.5A, 500V, 7.000 Ohm, N-Channel Power
MOSFETs(1.5A, 500V, 7.000 Ω N沟道MOSFET) From old datasheet system 1.5A, 500V, 7.000 Ohm, N-Channel Power MOSFETs 1.5A / 500V / 7.000 Ohm / N-Channel Power MOSFETs
|
Intersil Corporation
|
APT5025BN APT5030BN |
POWER MOS IV 500V 23.0A 0.25 Ohm / 500V 21.0A 0.30 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRF820AL IRF820AS IRF820ASTRL IRF820ASTRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 500V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)max=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRF820 IRF820PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFR420 IRFU420 IRFU420PBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=500V Rds(on)=3.0ohm Id=2.4A) Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
|
IRF[International Rectifier]
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
STP20NM505 STP20NM50FP STB20NM50 STB20NM50-1 STB20 |
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET From old datasheet system N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?Power MOSFET Search --To STSTP20NM50 N-CHANNEL POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmeshPower MOSFET N沟道500V - 0.20ohm - 20A条TO-220/FP/D2PAK/I2PAK的MDmesh?功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|