PART |
Description |
Maker |
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.320.0453.1 25.320.1653.1 25.340.1053.0 25.340.1 |
Terminal Block; No. of Positions:4; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:4; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:16; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:16; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:10; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:18; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block, Connector, Current Rating 15 Ampere, Maximum AWG Number 22, Minimum AWG Number 12 RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:9; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:2; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
0191390011 191390011 AA-834-06 |
Avikrimp?/a> Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291) Avikrimp Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291)
|
Molex Electronics Ltd.
|
0191390018 191390018 AA-838-06 |
Avikrimp Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245)
|
Molex Electronics Ltd.
|
0191310042 AA-2118-06X |
InsulKrimp?/a> Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6Length 6.35mm (.250) InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6Length 6.35mm (.250)
|
Molex Electronics Ltd.
|
0191310047 AA-2109-02X |
InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 2,Length 18.47mm (.727)
|
Molex Electronics Ltd.
|
AA-234-08X |
InsulKrimp Block Spade Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8,Length 19.94mm (.785)
|
Molex Electronics Ltd.
|
|