PART |
Description |
Maker |
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
1683490000 |
Feed-Through Terminal; No. of Positions:1; Wire Size (AWG):12-30; Mounting Type:Clipped RoHS Compliant: Yes 27 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
1770970000 |
Terminal Block; Number of Positions:5; Pitch Spacing:0.138"; Wire Size (AWG):22-20; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:5 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
570-1990 |
Insulated solder terminal, Feed thru
|
http://
|
571-4234 |
Insulated solder terminal, Turreted, Feed thru
|
http://
|
046746000 0467460000 |
Feed-through terminal, 4 mm2, Screw connection
|
Weidmuller
|
|