PART |
Description |
Maker |
MM80C95 MM80C97 MM80C98 MM80C95N MM80C98N MM80C97M |
From old datasheet system 3-STATE Hex Buffers • 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT845PWDH 74ABT845 74ABT845D 74ABT845DB 74ABT84 |
Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 8-bit bus interface latch with set and reset 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
DM74ALS257 DM74ALS258 DM74ALS257M DM74ALS257N DM74 |
3-STATE Quad 1-of-2 Line Data Selector/Multiplexer (Inverting) From old datasheet system 2-Input Digital Multiplexer 10-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-TSSOP -40 to 85 3-STATE Quad 1-of-2-Line Data Selector/Multiplexer(1线数据选择多路复用器(三态输出)) 三态四1 - 2 -线数据选择多路(四21线数据选择多路复用器(三态输出) 3-STATE Quad 1-of-2-Line Data Selector/Multiplexer ALS SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, INVERTED OUTPUT, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HD74HC251 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
|
Hitachi,Ltd. Hitachi Semiconductor
|
G3M-102PL-US G3M-202PL-US G3M-102PL-US-4 G3M-202PL |
Solid State Relays TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX SIP-4
|
Omron Electronics LLC Analog Devices, Inc. Mitsubishi Electric, Corp.
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
74LS373 SN74LS373N |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
|
Motorola, Inc
|
DM74ALS573B DM74ALS573BN DM74ALS573BSJ DM74ALS573B |
Extended Temperature Octal D-Type Transparent Latch with 3-STATE Outputs From old datasheet system 10-Bit Buffer/Driver With 3-State Outputs 24-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|