PART |
Description |
Maker |
74LCXZ162244 74LCXZ162244MEA 74LCXZ162244MEX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26з Series Resistors in the Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp.
|
74ALVCH162244 74ALVCH162244T 74ALVCH162244TX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Ohm Series Resistor in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistor in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26з Series Resistor in Outputs From old datasheet system Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Series Resistor in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162240 74ALVCH162240T 74ALVCH162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26?Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
BL3208 |
2048-stage low voltage operation, and low noise BBD variable delay line in audio
|
SHANGHAI BELLING CO., L... SHANGHAI BELLING CO., LTD.
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX16244MTD 74LCX16244MTDX 74LCX16244 74LCX16244 |
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LOW VOLTAGE 16-BIT BUFFER/LINE DRIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
|
FAIRCHILD[Fairchild Semiconductor]
|
MN4017B |
Decode Counter
|
ETC
|
74ALVC162240 74ALVC162240T 74ALVC162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
UCC5687 UCC5686 |
Twenty-seven Line Active Terminator For Low-voltage-differential (LVD) SCSI Networks.(用于低压差分小型计算机系统接口的27线终端匹配器) Twenty-seven line Active Terminator for Low-voltage-differential (LVD) SCSI Networks.(用于低压差分小型计算机网络的27线终端匹配器)
|
Benchmark Technology Group
|
0451-0059-03 0451-0045-03 0451-0052-03 0451-0010-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Programmable Delay Line 可编程延迟线
|
SCHURTER AG
|
74VCX32244 |
Low Voltage 32-Bit Buffer/Line Driver
|
Fairchild
|