PART |
Description |
Maker |
XC1800 TMSS TDOV TDOXZ TDOZX TCKMIN TDIH TDIS TMSH |
128K X 1 CONFIGURATION MEMORY, 45 ns, PQCC20 XC1800 Series of In-System Programmable Configuration PROMs
|
XILINX INC Xilinx Inc Xilinx, Inc. XILINX[Xilinx, Inc]
|
AT17LV010-10DP-SV AT17LV010-10DP AT17LV010-10DP-E |
Space FPGA Configuration EEPROM 1M X 1 CONFIGURATION MEMORY, DFP28
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
AN2855 |
Configuration for single-click
|
STMicroelectronics
|
AT17LV256A-10JC AT17LV040A-10BJC AT17LV010A-10BJC |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQCC44 5015 RR 19#16 PIN PLUG FPGA配置EEPROM存储 FPGA Configuration EEPROM Memory 4M X 1 CONFIGURATION MEMORY, PQCC44 FPGA Configuration EEPROM Memory 1M X 1 CONFIGURATION MEMORY, DSO8 FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP44 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-TSSOP -55 to 125 FPGA配置EEPROM存储 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 FPGA Configuration EEPROM Memory FPGA配置EEPROM存储 高速CMOS逻辑可复位双重单稳态多谐振荡器 PDIP-16封装 工作温度55℃_125 5015 RR 19#16 SKT PLUG High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-PDIP -55 to 125 5015 RR 8#16 PIN PLUG L/C High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SO -55 to 125 PhotoMOS Relay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Voltage:5V RoHS Compliant: No Connector assemblies, Ribbon (Flat); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demutiplexer with Address Latches 16-TSSOP -55 to 125 5015 RR 4#12 SKT PLUG High Speed CMOS Logic 4-Bit Parallel Access Register 16-TSSOP -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input AND Gates 14-PDIP -55 to 125 HV7 33W WCDMA NH780HS
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
T10C T10C110 T10C140 T10C180 T10C220 T10C270 T10C8 |
3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE3 Point Connector Block 5B. 3端配置,比赛在应用程序插件GDT中引脚配置,适合在科龙⑩3点连接器5B条 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE⑩ 3 Point Connector Block 5B. 3 Terminal configuration matches G.D.T. pin configuration For Plug in Applications fits in KRONE 3 Point Connector Block 5B. 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE 3 Point Connector Block 5B. SiBOD
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
XC1700D XC17128DDD8M XC17256DDD8M XC1736DDD8M XC17 |
From old datasheet system QPRO Family of XC1700D QML Configuration PROMs QPRO家庭的PROM配置的XC1700D QML QPRO Family of XC1700D QML Configuration PROMs 64K X 1 CONFIGURATION MEMORY, CDIP8 Cascadable for storing longer or multiple bitstreams QPRO Family of XC1700D QML
|
http:// XILINX[Xilinx, Inc] Xilinx, Inc. Xilinx Inc XILINX INC
|
XC17S50APDG8C XC17S50ASO20C |
XC2S50 PROM C grade 559200 X 1 CONFIGURATION MEMORY, PDIP8 SERIAL PROM FOR 50000 SYSTEM GATE LOGIC 559200 X 1 CONFIGURATION MEMORY, PDSO20
|
Xilinx, Inc.
|
XC1701-PD8M XC1701-PDG8I XC1701-SO20M |
1M X 1 CONFIGURATION MEMORY, 45 ns, PDIP8 1M X 1 CONFIGURATION MEMORY, 45 ns, PDSO20
|
XILINX INC
|
1N4738A113 |
Voltage regulator diodes - Configuration: single ; I<sub>F</sub> max: 500 mA; P<sub>tot</sub>: 1000 mW; V<sub>Z</sub> nom: 8.2 V; Package: SOD66 (DO-41); Container: Reel pack axial radial
|
NXP SEMICONDUCTORS
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
XC17V04-SERIES XC17V01-SERIES XC17V16-SERIES XC17V |
XC17V00 Series Configuration PROM XC17V00系列配置PROM XC17V00 Series Configuration PROMs
|
Diodes, Inc. Xilinx
|