PART |
Description |
Maker |
T-12077G |
Wideband Impedance Matching Transformer
|
Rhombus Industries Inc.
|
T-12201G |
Wideband Impedance Matching Transformer
|
Rhombus Industries Inc.
|
HA3-2625-5 HA9P2625-5 HA9P2625-9 HA-2620 HA-2625 H |
From old datasheet system 100MHz High Input Impedance Very Wideband Uncompensated Operational Amplifiers 100MHz/ High Input Impedance/ Very Wideband/ Uncompensated Operational Amplifiers INDUCTOR PWR TOROID 2.5UH SMD 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
57ZT-1G 75ZT-1G 57ZTT-AA 75ZTT-AA |
Impedance Matching Transformers
|
JFW Industries, Inc.
|
U4254BM-M U4254BM-MFP U4254BM-MPG3 |
Low-noise AM/FM Antenna Impedance Matching IC
|
ATMEL[ATMEL Corporation]
|
PSR1635-14 |
SPECIFICATION DRAWING FOR BULK CABLE, 2.54MM PITCH, COND. 1 TINNED, MATCHING STANDARD AMP REQUIREMENTS MATCHING STANDARD AMP REQUIREMENTS
|
List of Unclassifed Manufac...
|
CN-0217 AD8606 AD5933 AD5934 |
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
|
Analog Devices
|
2SK246 |
N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT/ IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Semiconductor
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CAT28C65ANI-20 CAT28C65AKI-20 CAT28C65AJ-15 CAT28C |
128Kx8 EEPROM 2400 MHz to 2700 MHz; Package: PG:H-30256-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P1dB (typ): 45.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30248-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,500.0 - 2,700.0 MHz; P1dB (typ): 85.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30260-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,620.0 - 2,680.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM 2400 MHz to 2700 MHz; Package: PG: H-31260-2; Flange Type: Earless; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM
|
NXP Semiconductors N.V. ZETTLER electronics GmbH
|
LT3599EFEPBF LT3599IFEPBF LT3599HFEPBF LT35991 LT3 |
4-Channel 120mA LED Driver with 隆戮1.5% Current Matching 4-Channel 120mA LED Driver with 卤1.5% Current Matching 4-Channel 120mA LED Driver with ±1.5% Current Matching
|
Linear Technology
|