PART |
Description |
Maker |
STGB3NB60FD STGD3NB60F STGP3NB60F STGP3NB60FD STGF |
(STGP3NB60F / STGD3NB60F / STGF3NB60FD / STGB3NB60FD) N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH⑩ IGBT N-CHANNEL 3A - 600V TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH?/a> IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP9NK60ZFP STP9NK60Z STB9NK60Z STB9NK60-1 STB9NK6 |
N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N沟道600V.85欧姆7A条TO-220/TO-220FP/D2PAK/I2PAK稳压保护SUPERMESH功率MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH⒙POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STP2HNC60FP STP2HNC60 |
N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB9NK60ZD06 STP9NK60ZD STB9NK60ZD STF9NK60ZD |
N-channel 600V - 0.85Ω - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh Power MOSFET N-channel 600V - 0.85楼? - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh垄芒 Power MOSFET
|
STMicroelectronics
|
STGP20NB60H 6203 |
From old datasheet system N-CHANNEL 20A - 600V TO-220 PowerMESH TM IGBT N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STP14NK60Z STP14NK60ZFP STB14NK60 STB14NK60Z STB14 |
N-CHANNEL 600V - 0.45 OHM - 13.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET
|
ST Microelectronics STMicroelectronics
|
STB11NM60FD STB11NM60FD-1 STB11NM60FDT4 STP11NM60F |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.40ohm - 11A TO-220 / TO-220FP/I2PAK FDmeshPower MOSFET with FAST DIODE N沟道600V 0.40ohm - 11A 220 / TO-220FP/I2PAK FDmesh?功率MOSFET,快速二极管 N-CHANNEL 600V - 0.40 OHM - 11A TO-220/TO-220FP/I2PAK/D2PAK FDMESH MOSFET (WITH FAST DIODE)
|
STMicroelectronics N.V. ST Microelectronics
|
STGW19NC60WD STGP19NC60WD |
N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH IGBT N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH?/a> IGBT N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH⑩ IGBT
|
STMicroelectronics
|