PART |
Description |
Maker |
S422-0100-06 A447-0010-06 A447-0080-06 |
1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES ACTIVE DELAY LINE, TRUE OUTPUT, PDSO4 ACTIVE DELAY LINE, TRUE OUTPUT, PDIP4
|
Bel Fuse, Inc. BEL FUSE INC
|
ISL23445UFVZ ISL23445TFRZ |
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
0700584102 70058-4102 |
SL Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges SL?/a> Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges MOLEX Connector
|
Molex Electronics Ltd.
|
ISL23428TFRUZ-T7A ISL23428TFRUZ-TK ISL23428TFVZ IS |
Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP? Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
CAT5126ZI-50-GT3 CAT5126 CAT5126VP2I-00-GT3 CAT512 |
he CAT5126 is a digital programmable potentiometer. The wiper position is controlled with a simple 2 One-Time Digitally Programmable 32 Tap Potentiometer
|
CATALYST[Catalyst Semiconductor]
|
ISL90460 ISL90460WIH527Z-TK ISL90460TIE527-TK ISL9 |
Digitally Controlled Potentiometer (XD 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XD 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XD 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X9268US24-2.7 X9268UT24-2.7 X9268UT24I-2.7 INTERSI |
Dual Supply/Low Power/256-Tap/2-Wire Bus DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Supply/Low Power/256-Tap/2-Wire Bus 双电低Power/256-Tap/2-Wire巴士
|
Intersil, Corp.
|
60CDQ SD241 40CDQ 40CDQ20 40CDQ30 40CDQ35 40CDQ40 |
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS V(rwm): 20V; 40A dual schottky center tap rectifier V(rwm): 30V; 40A dual schottky center tap rectifier V(rwm): 30V; 60A dual schottky center tap rectifier V(rwm): 40V; 60A dual schottky center tap rectifier
|
IRF[International Rectifier]
|
CAT5129TDI-00-GT3 CAT5129TDI-00-T3 CAT5129TDI-10-G |
10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Tap Digitally Programmable Potentiometer (DPP⑩) 32-Tap Digitally Programmable Potentiometer (DPP垄芒)
|
Catalyst Semiconductor
|