PART |
Description |
Maker |
AGB3303S24Q1 AGB3303 |
The AGB3303 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, ... 50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
AS193-000 |
AS193-000:PHEMT GaAs IC High Linearity 3 V Control|DC-6 GHz Plastic Packaged and Chip|SPST PHEMT GaAs IC High Linearity 3 V Control SPDT 0.1-2.5 GHz Switch Chip
|
Skyworks Solutions
|
AGB3300 AGB3300_REV_2.1 AGB3300S24Q1 |
50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK 250 MHz - 3000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER From old datasheet system Gain Block Amplifiers The AGB3300 is one of a series of GaAs MESFET amplifiers designed for use in applications requiring high linearity, low noise and ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
AGB3311 AGB3311S24Q1 AGB3311_REV_1.0 |
50 High Linearity Low Noise Internally Biased Wideband Gain Block 50?/a> High Linearity Low Noise Internally Biased Wideband Gain Block 50蟹 High Linearity Low Noise Internally Biased Wideband Gain Block 50з High Linearity Low Noise Internally Biased Wideband Gain Block From old datasheet system
|
ANADIGICS[ANADIGICS, Inc]
|
AH101 AH101-PCB |
JT 41C 41#20 SKT RECP 中功率,高线性放大器 Circular Connector; No. of Contacts:79; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Medium Power/ High Linearity Amplifier Medium Power, High Linearity Amplifier
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] WJ Communications
|
MAX9996 MAX9996ETP-T MAX9996ETP MAX9996ETP_D MAX99 |
SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AS193-73 |
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz PHEMT的砷化镓集成电路高线3 V控制0.1-2.5 GHz的SPDT开 PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1?.5 GHz
|
Alpha Industries, Inc. Alpha Industries Inc
|
TC1606N |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
TC1601 |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
MGA-53543 |
MGA-53543 · 5V High Linearity LNA, 39dBm OIP3, 0.45-6GHz, SOT343(SC-70) 50 MHz to 6 GHz High Linear Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
TQP7M9106 |
2W High Linearity Amplifier
|
TriQuint Semiconductor
|