PART |
Description |
Maker |
NCP1219BD65R2G |
PWM Controller with DSS SWITCHING REGULATOR, 107 kHz SWITCHING FREQ-MAX, PDSO7
|
ON Semiconductor
|
ISL6527AIR ISL6527CB ISL6527EVA ISL6527IB ISL6527C |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller PWM Controller, External Reference, 3.3V to 5V Supply, 300 or 600kHz
|
INTERSIL[Intersil Corporation]
|
ISL6520BCB-T ISL6520BCBZ ISL6520BCBZ-T ISL6520BCR |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/SD Pin (Shutdown) Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
NCP1561DR2 NCP1561 |
Dual Output PWM Controller Push-Pull PWM Controller for 48 V Telecom Systems
|
ONSEMI[ON Semiconductor]
|
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
LT1950EGNTRPBF LT1950IGNPBF LT1950-15 |
Single Switch PWM Controller with Auxiliary Boost Converter; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.18 A SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PDSO16 Single Switch PWM Controller with Auxiliary Boost Converter; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.18 A SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
ISL6530 ISL6530EVAL1 ISL6531EVAL1 |
PWM Controller, Dual, VDDQ =2.5V, VREF =VDDQ/2 @ 1% Reg, with S3 Sleep Mode, VIN =5V Dual 5V synchronous buck pulse-width modulator PWM controller for DDRAM memory V(ddq) and T(tt) termination
|
Intersil
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HIP6004 HIP6004CB FN4275 HIP6004A |
PWM Controller, Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg, Output 1.8-3.5VDC Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AP3125B AP3125BKTR-G1 |
GREEN MODE PWM CONTROLLER Analog - AC-DC Converters - Offline PWM Controllers
|
Diodes Incorporated
|