PART |
Description |
Maker |
N-415A-1 |
3PDT Double Break Main Contacts
|
Tyco Electronics
|
NN-233A |
SPDT Double Break Main Contacts
|
http://
|
B-499 |
AC RELAYS 3PDT, Double Break, 35/200 Amps, 115 VAC, 400 Hz/28 VDC
|
Tyco Electronics
|
NH-505 |
3PDT Center Off Main Contacts
|
http://
|
KUP9314A11-120 KUP9314A11-24 |
POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 2700mW (COIL), 5A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT
|
|
BR235-78C3-12V |
POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.154A (COIL), 12VDC (COIL), 1848mW (COIL), 25A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
BABCOCK INC
|
AS11P2TLR |
Low voltage 1 Ω single-pole double-throw analog switch with break before make feature
|
STMicroelectronics
|
ES3250403CTL ES3250402CTL |
POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.097A (COIL), 28VDC (COIL), 2716mW (COIL), 25A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
DRI RELAYS INC
|
7872RPDE |
Enclosed Switches Series LS: Rod - Adjustable; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in
|
Maxwell Technologies, Inc
|
AD7880CR AD7880CQ AD7880BN AD7880BRZ AD7880-15 |
LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Enclosed Switches Series LS: Rod - Adjustable; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in Enclosed Switches Series LS: Wobble - Steel Wire; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Plug-in
|
Analog Devices, Inc.
|
STG4159BJR |
Low Voltage 0.3 Ohm Max Single SPDT Switch with Break-Before-Make Feature and 10kV Contact ESD Protection
|
ST Microelectronics
|
HD6301Y0H HD63A01Y0H HD63B01Y0H HD63C01Y0H HD63C01 |
CMOS MCU(MICROCOMPUTER UNIT) CMOS MCU(MICROCOMPUTER UNIT) 的CMOS微控制器(微机组 SW ROCKER SPST 16A BK/WHT W/MRKG Toggle Switch; Circuitry:3PDT; Switch Operation:On-None-Off; Contact Current Max:10A; Actuator Style:Bat; Contact Rating:10A at 250VAC; Mounting Type:Panel; Size/Dimensions:HxWxD 1.955 x1.088 x1.308 in; Switch Features:Bat
|
Hitachi Semiconductor Hitachi,Ltd.
|