PART |
Description |
Maker |
MMBZ52XXBLT1 MMBZ52XXBLT1G MMBZ52XXBLT3 MMBZ52XXBL |
Zener Voltage Regulators 225 mW SOT23 Surface Mount(榻?撼绋冲?绠? Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 4.7 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT-23 Surface Mount
|
ONSEMI[ON Semiconductor]
|
MMBZ52XXELT3G MMBZ52XXELT1 MMBZ52XXELT1G MMBZ52XXE |
Zener Voltage Regulators 225 mW SOT−23 Surface Mount 225 W e-Rated Zener 6.2 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 225 W e-Rated Zener 5.6 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 225 W e-Rated Zener 18 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 18 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
MMBZ5264BLG |
60 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
|
ON SEMICONDUCTOR
|
MMBZ5239-V-G-8 MMBZ5246-V-G-8 MMBZ5231C-V-G-8 MMBZ |
9.1 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 16 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE DIODE 5.1 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, GREEN PACKAGE-2, Voltage Regulator Diode DIODE 11 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, GREEN PACKAGE-2, Voltage Regulator Diode
|
VISHAY SEMICONDUCTORS
|
2N6439 |
60 W, 225 to 400 MHz CONTROLLED Q?BROADBAND RF POWER TRANSISTOR NPN SILICON 60 W, 225 to 400 MHz CONTROLLED “Q” BROADBAND RF POWER TRANSISTOR NPN SILICON
|
MOTOROLA[Motorola, Inc]
|
MMBZ5257-GS18 MMBZ5235-GS08 MMBZ5243-GS18 MMBZ5241 |
DIODE 33 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, PLASTIC PACKAGE-3, Voltage Regulator Diode DIODE 6.8 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, PLASTIC PACKAGE-3, Voltage Regulator Diode DIODE 13 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, PLASTIC PACKAGE-3, Voltage Regulator Diode DIODE 11 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, PLASTIC PACKAGE-3, Voltage Regulator Diode DIODE 20 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, PLASTIC PACKAGE-3, Voltage Regulator Diode
|
Vishay Semiconductors
|
BHP-250 |
High Pass Filter 50Ω 225 to 3000 MHz High Pass Filter 50惟 225 to 3000 MHz High Pass Filter 50ヘ 225 to 3000 MHz
|
Mini-Circuits
|
MJE210 MJE210G MJE210T MJE210TG MJE200G MJE20007 |
Complementary Silicon Power Plastic Transistors Bipolar Power C77 PNP 5A 25V; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 50
|
ON Semiconductor
|
CMPD2005S |
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES 0.225 A, 350 V, 2 ELEMENT, SILICON, SIGNAL DIODE SMD Switching Diode Dual: High Voltage: In Series
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
BDS11CECC BDS12CECC BDS10SMD-JQR-BR4 |
DIODE TVS 7.0V 600W UNI-DIR SM DIODE TVS 75V 600W UNIDIR 5% SMB 15 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-276AB
|
SEMELAB LTD
|
1741870000 |
BLZ 5.08/2/225 SN SW
|
Weidmuller
|
OA225AN-11-1TB18 OA225AN-22-1TB18 |
225 x 80mm (8.86?/a> x 3.15? 225 x 80mm (8.86 x 3.15?
|
ORION FANS
|
|