PART |
Description |
Maker |
AT90S2313-4PC AT90S2313-4PI AT90S2313-4SC AT90S231 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash Surface Mount Resistors Thick Film Chip Resistors
|
Atmel Corp.
|
DWR02F75RT52 DWR02F75RT73 DWR02F75RT91 DWR01F75RT7 |
Resistors Power Wire Wound Resistors
|
Dubilier
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MNR14 |
Resistors > Multiple miniature chip resistor networks Size0603(0201) rectangular chip resistors : MNR14, etc.
|
ROHM
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DTC143Z-AE3-R DTC143Z-AL3-R DTC143Z-AN3-R DTC144E- |
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) npn型数字晶体管(内置电阻, NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
RER40XXXX RER70XXXX RER70FR261R RER75XXXX |
ERH/ENH Series / Wirewound Resistors (RER Series) Wirewound Resistors
|
Vishay Intertechnology
|
RC0805FR-109K76 RC0805FR-139K76 RC0805JR-139K76 RC |
GENERAL PURPOSE CHIP RESISTORS DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC0805 RoHS compliant
|
YAGEO Corporation
|
PFU1000-1RJ1 |
High Power Resistors / High Voltage Resistors 1000 W & 800 W
|
Riedon Powertron
|
SMM0102 |
Metal Film/ Cylindrical Resistors Metal Film, Cylindrical Resistors Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, Excellent Stability, Reliable Solderable Terminations to Facilitate Surface Mounting
|
VISAY[Vishay Siliconix]
|