PART |
Description |
Maker |
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT19 |
From old datasheet system DC to DC Converter - Datasheet Reference 2.2MHz Boost DC/DC Converter in SOT-23 1A, 1.2MHz/2.2MHz,
Step-Up DC/DC Converters
in ThinSOT 1A/ 1.2MHz/2.2MHz/ Step-Up DC/DC Converters 1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
LINER[Linear Technology] Linear Technology Corporation
|
RT990711 |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
MAX1733 MAX1733EUK MAX1733EUK-T MAX1734EUK-T MAX17 |
From old datasheet system Low-Voltage Step-Down DC-DC Converters in SOT23 Low-Voltage, Step-Down DC-DC Converters in SOT23 Low-Voltage / Step-Down DC-DC Converters in SOT23
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-8672101FX |
3.3V/5V or Adjustable, Step-Up Step-Down DC-DC Converters 线路驱动
|
Rochester Electronics, LLC
|
MAX877 MAX877CPA MAX877CSA MAX877EPA MAX877MJA MAX |
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters 5V/3.3V/3V/Adjustable-Output / Step-Up/Step-Down DC-DC Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C0 |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Rochester Electronics, LLC
|
MAX1700 MAX1700EEE MAX1700-MAX1701 MAX1701EEE MAX1 |
From old datasheet system 1-Cell to 3-Cell, High-Power (1A),Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters 1-Cell to 3-Cell / High-Power 1A / Low-Noise / Step-Up DC-DC Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
MAX20021 |
Step-Down DC-DC Converters
|
Maxim Integrated Products Maxim Integrated Produc...
|
LX13088ACLD LX13088ACLD-TR |
Dual 1A Step-Down Converters
|
Microsemi Corporation
|