PART |
Description |
Maker |
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
M28W320FCT100N6F M28W320FCT100N6E M28W320FCT100ZB6 |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M28W320FCT90ZB6F M28W320FCB M28W320FCB10N6E M28W32 |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M28W320FCB100N6E M28W320FCB100N6F M28W320FCB100ZB6 |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M29W160DT90ZA6T M29DCL3-16T M29W160DB M29W160DB70M |
From old datasheet system 16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29DW323DT70N6E M29DW323DT70N1 M29DW323DT70N1E M29 |
32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 8:24 / Boot Block 3V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29DW324DB70N6E M29DW324DB70N1 M29DW324DB90N1 M29D |
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
M29DCL3-16T -M29DCL3-16T |
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
M28W320BT |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
|
STMicroelectronics
|
M28W320FST70ZA6E M28W320FST70ZA1 M28W320FST70ZA1E |
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
M28W320BB 7584 M28W320BB100N6T M28W320BB100ZB1T M2 |
Quadruple ESD transient voltage suppressor - Cd max.: 240 pF; IRM max: 2A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 5.6 V; VRWM: 3 V Quadruple ESD transient voltage suppressor - Cd max.: 48 pF; IRM max: 0.1A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 20 V; VRWM: 15 V CLAMP 32 Mbit (2Mb x16/ Boot Block) 3V Supply Flash Memory From old datasheet system 32 MBIT (2MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
意法半导 STMicroelectronics
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|